PART |
Description |
Maker |
HCPL-0452 HCNW135 HCNW136 HCPL-4534-300E HCNW4502 |
Dual Channel, High Speed Optocouplers High density packaging
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
MT4953 |
Dual P-Channel High Density Trench MOSFET
|
matrix microtech
|
CBRHD-02 CBRHD-04 CBRHD10 CBRHD06 CBRHD02 CBRHD04 |
HIGH DENSITY SURFACE MOUNT AMP DUAL IN LINE BRIDGE RECTIFIER HIGH DENSITY SURFACE MOUNT AMP DUAL IN LINE BRIDGE RECTIFIER High Density Surface Mount 0.5AMP Dual in Line Bridge Rectifier(重复峰值反向电000V,高密度表面安.5 A双列直插桥式整流 High Density Surface Mount 0.5AMP Dual in Line Bridge Rectifier(重复峰值反向电00V,高密度表面安.5 A双列直插桥式整流 HIGH DENSITY SURFACE MOUNT ? AMP DUAL IN LINE BRIDGE RECTIFIER
|
Central Semiconductor Corp.
|
STP4925 |
STP4925 is the dual P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
|
Stanson Technology
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
STP38N06 3645 |
N - CHANNEL ENHANCEMENT MODE ”ULTRA HIGH DENSITY POWER MOS TRANSISTOR N - CHANNEL ENHANCEMENT MODE ULTRA HIGH DENSITY POWER MOS TRANSISTOR From old datasheet system N - CHANNEL ENHANCEMENT MODE ”ULTRA HIGH DENSITY” POWER MOS TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|
LTV819-2M LTV819-1M LTV819-1S LTV-829S-TA1 LTV-819 |
High Density Mounting Type Photocoupler 2 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER High Density Mounting Type Photocoupler(484.24 k) 高密度安装类型光电耦合84.24十一 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
Lite-On Technology, Corp. LITE-ON ELECTRONICS INC
|
ISPLSI2192VE-135LT128 ISPLSI2192VE-180-L-T128 ISPL |
3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD RELAY SSR 110A 240VAC AC INPUT 3.3V In-System Programmable SuperFASTHigh Density PLD
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation
|
MAX309 MAX309CPE MAX309CSE MAX309EJE MAX309EPE MAX |
From old datasheet system Precision 8-Channel/Dual 4-Channel High-Performance CMOS Analog Multiplexers Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers Precision / 8-Channel/Dual 4-Channel / High-Performance / CMOS Analog Multiplexers Floating-Point Digital Signal Processor 144-HTQFP 8-CHANNEL, SGL ENDED MULTIPLEXER, PDIP16
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
PM5366-PI PM5366 |
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
|
PMC[PMC-Sierra, Inc]
|
PM5366-PI |
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
|
PMC-Sierra, Inc.
|